Part Number Hot Search : 
RES10K 7BC84I STM8206 FCD820C IFD08845 BTA312 258LK40 OP215
Product Description
Full Text Search
 

To Download SUM110N04-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110N04-04
New Product
Vishay Siliconix
N-Channel 40-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
40
FEATURES
rDS(on) (W) ID (A)
110 a
D TrenchFETr Power MOSFETS: 1.8-V Rated D 175_C Junction Temperature
0.0035 @ VGS = 10 V
APPLICATIONS
D Automotive - ABS - 12-V EPS - Motor Drivers
D
TO-263
G
G
DS
Top View SUM110N04-04 S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) _ Pulsed Drain Current Avalanche Current Repetitive Avalanche Energyb Maximum Power Dissipationb Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_C d TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
40 20 110a 107a 350 60 180 250c 3.75 -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient (PCB Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Document Number: 72077 S-22450--Rev. B, 20-Jan-03 www.vishay.com Mount)d
Symbol
RthJA RthJC
Limit
40 0.6
Unit
_C/W _
1
SUM110N04-04
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = 20 V VDS = 40 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = 40 V, VGS = 0 V, TJ = 125_C VDS = 40 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 30 120 0.0028 0.0035 0.0045 0.006 S W 40 V 2 4 100 1 50 250 A m mA nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 30 V, RL = 0.47 W ID ^ 110 A, VGEN = 10 V, RG = 2.5 W VDS = 30 V, VGS = 10 V, ID = 110 A VGS = 0 V, VDS = 25 V, f = 1 MHz 6800 1110 690 140 35 55 20 115 75 85 35 175 115 130 ns 200 nC pF
Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 110 A, di/dt = 100 A/ms IF = 110 A, VGS = 0 V 1.1 50 2 0.05 110 350 1.4 80 3 0.12 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 72077 S-22450--Rev. B, 20-Jan-03
SUM110N04-04
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 7 V 200 I D - Drain Current (A) 6V 150 I D - Drain Current (A) 200 250
Vishay Siliconix
Transfer Characteristics
150
100
100 TC = 125_C 50 25_C -55 _C 0
50 4V 0 0 2 4 6
5V
8
10
0
1
2
3
4
5
6
7
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
250 TC = -55_C g fs - Transconductance (S) r DS(on) - On-Resistance ( W ) 200 25_C 150 125_C 100 0.004 0.005
On-Resistance vs. Drain Current
0.003
VGS = 10 V
0.002
50
0.001
0 0 15 30 45 60 75 90
0.000 0 20 40 60 80 100 120
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
10000 20
Gate Charge
8000 C - Capacitance (pF)
V GS - Gate-to-Source Voltage (V)
Ciss
16
VDS = 30 V ID = 85 A
6000
12
4000
8
2000 Crss 0 8
Coss
4
0
0 16 24 32 40 0 50 100 150 200 250
VDS - Drain-to-Source Voltage (V) Document Number: 72077 S-22450--Rev. B, 20-Jan-03
Qg - Total Gate Charge (nC) www.vishay.com
3
SUM110N04-04
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.0 VGS = 10 V ID = 30 A r DS(on) - On-Resistance (W) (Normalized) 1.6 I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
1.2
10
TJ = 150_C
0.8
TJ = 25_C
0.4
0.0 -50
-25
0
25
50
75
100
125
150
175
1 0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Avalanche Current vs. Time
1000 56
Drain Source Breakdown vs. Junction Temperature
100 I Dav (a) IAV (A) @ TA = 25_C 10 V (BR)DSS (V)
52
ID = 1 mA
48
1
IAV (A) @ TA = 150_C
44
0.1 0.00001 0.0001 0.001 0.01 0.1 1
40 -50
-25
0
25
50
75
100
125
150
175
tin (Sec)
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 72077 S-22450--Rev. B, 20-Jan-03
SUM110N04-04
New Product
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
120 1000
Vishay Siliconix
Safe Operating Area
100 100 I D - Drain Current (A) 80 I D - Drain Current (A) Limited by rDS(on) 10
10 ms 100 ms 1 ms 10 ms 100 ms dc
60
40
1 20
TC = 25_C Single Pulse
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse
0.01 10- 4
10- 3
10- 2
10- 1
1
10
Square Wave Pulse Duration (sec)
Document Number: 72077 S-22450--Rev. B, 20-Jan-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM110N04-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X